PART |
Description |
Maker |
LTC6400-14 LTC6400CUD-14-PBF LTC6400CUD-14-TRPBF L |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology
|
LTC6400-8 LTC6400CUD-8-PBF LTC6400CUD-8-TRPBF LTC6 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
|
Linear Technology, Corp.
|
MAX4220EEE MAX4220ESD MAX4212 MAX4212EUK MAX4213ES |
Miniature, 300MHz, Single-Supply,Rail-to-Rail Op Amps with Enable Miniature 300MHz Single-Supply Rail-to-Rail Op Amps with Enable From old datasheet system Miniature / 300MHz / Single-Supply / Rail-to-Rail Op Amps with Enable Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable 4 CHANNEL, VIDEO AMPLIFIER, PDSO14
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
EL5193ACS EL5193ACS-T13 EL5193ACS-T7 EL5193ACW-T7 |
Op Amp, 300MHz, Current Feedback Amplifier, Low Power Op Amp, 300MHz, Current Feedback Amplifier, with Enable, Low Power Single 300MHz Current Feedback Amplifier with Enable Circular Connector; MIL SPEC:MIL-DTL-38999 Series II; Body Material:Metal; Series:JT; No. of Contacts:55; Connector Shell Size:16; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Body Style:Straight RoHS Compliant: No
|
INTERSIL[Intersil Corporation]
|
2SC2413K 2SC2058S 2SC4098 2SC4618 2SC5659 2SC5058S |
25V,50mA, 300MHz high-frequency amplifier transistor Transistors > Small Signal Bipolar Transistors(up to 0.6W) High-frequency Amplifier Transistor(25V 50mA 300MHz) High-frequency Amplifier Transistor(25V, 50mA, 300MHz) High-frequency Amplifier Transistor(25V/ 50mA/ 300MHz)
|
ROHM[Rohm] Rohm CO.,LTD.
|
EPA1140-XX-RC EPA1140-100 EPA1140-100-RC EPA1140-1 |
ACTIVE DELAY LINE, TRUE OUTPUT, PDSO8 SMD 8 Pin 5 Tap TTL Compatible Active Delay Lines
|
PCA[PCA ELECTRONICS INC.]
|
MMSZ5221B MMSZ5259B MMSZ5229B MMSZ5245B MMSZ5258B |
2.63V uP Supervisory Circuit with Active High and Active Low Complementary outputs; Package: Micro8™; No of Pins: 8; Container: Tape and Reel 500mW SURFACE MOUNT ZENER DIODE
|
Diodes Inc. DIODES[Diodes Incorporated]
|
TIM6472-25UL TIM5964-12UL09 |
HIGH POWER P1dB=44.5dBm at 6.4GHz to 7.2GHz HIGH POWER P1dB=41.5dBm at 5.9GHz to 6.4GHz
|
Toshiba Semiconductor
|
LT5575 LTC2150-14 LTC2151-14 LTC2152-14 LTC2155-14 |
300MHz Digital Predistortion Receiver
|
Linear Technology
|
EL5131IWZ-T7A |
300MHz Low Noise Amplifiers
|
音频/视频放
|
SP8401KGMPES SP8401 |
Very Low Phase Noise 300MHz ÷10/11 Very Low Phase Noise 300MHz 隆?10/11 Very Low Phase Noise 300MHz 10/11 Very Low Phase Noise 300MHz ±10/11
|
Mitel Semiconductor MITEL[Mitel Networks Corporation]
|